Part Number Hot Search : 
SD114 S1503 MAX1287 A1009 MCP4011 10024 P1701U DTA115TL
Product Description
Full Text Search
 

To Download LBAT54SWT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  device marking lbat54swt1g= b8 maximum ratings (t j = 125c unless otherwise noted) rating symbol value unit reverse voltage v r 30 volts forward power dissipation p f @ t a = 25c 200 mw derate above 25c 1.6 mw/c forward current(dc) i f 200max ma junction temperature t j 125max c storage temperature range t stg ?55 to +150 c electrical characteristics (t a = 25c unless otherwise noted) characteristic symbol min typ max unit reverse breakdown voltage (i r = 10 a) v (br)r 30 ? ? volts total capacitance (v r = 1.0 v, f = 1.0 mhz) c t ? ? 10 pf reverse leakage (v r = 25 v) i r ? 0.5 2.0 adc forward voltage (i f = 0.1 madc) v f ? 0.22 0.24 vdc forward voltage (i f = 30 madc) v f ? 0.41 0.5 vdc forward voltage (i f = 100 madc) v f ? 0.52 1.0 vdc reverse recovery time (i f = i r = 10 madc, i r(rec) = 1.0 madc, figure 1) t rr ? ? 5.0 ns forward voltage (i f = 1.0 madc) v f ? 0.29 0.32 vdc forward voltage (i f = 10 madc) v f ? 0.35 0.40 vdc forward current (dc) i f ? ? 200 madc repetitive peak forward current i frm ? ? 300 madc non?repetitive peak forward current (t < 1.0 s) i fsm ? ? 600 madc s-lbat54swt1g sot?323 (sc?70) these schottky barrier diodes are designed for high speed switching applications, circuit protection, and voltage clamping. extremely low forward voltage reduces conduction loss. miniature surface mount package is excel- lent for hand held and portable applications where space is limited.  extremely fast switching speed  low forward voltage ? 0.35 volts (typ) @ i f = 10 madc ordering information device marking shipping lbat54swt1g b8 3000/tape & reel 3 cathode/anode anode 1 cathode 2 dual series schottky barrier diodes leshan radio company, ltd. lbat54swt3g b8 10000/tape & reel we declare that the material of product compliance with rohs requirements. 1 3 2 rev.b 1/3 lbat54swt1g s-lbat54swt3g s-lbat54swt1g s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable.
lbat54swt1g , s-lbat54swt1g leshan radio company, ltd. rev.b 2/3 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.1 1 10 100 0 5 10 15 20 25 30 35 0 2 4 6 8 10 12 0 5 10 15 20 25 30 35 f=1mhz 0.01 -55 25 75 100 125 -55 25 75 100 125 ? ? ? ?
0.7 1.9 0.028 0.65 0.025 0.65 0.025 inches mm 0.075 0.035 0.9 notes: 1. dimension i ng and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. dim min max min max millimeters inches a 0.071 0.087 1.80 2.20 k 0.017 ref 0.425 ref l 0.026 bsc 0.650 bsc n 0.028 ref 0.700 ref s 0.079 0.095 2.00 2.40 b 0.045 0.053 1.15 1.35 c 0.032 0.040 0.80 1.00 d 0.012 0.016 0.30 0.40 g 0.047 0.055 1.20 1.40 h 0.000 0.004 0.00 0.10 j 0.004 0.010 0.10 0.25 c n a l d g s b h j k 3 12 0.05 0.002 sc - 70 / sot - 323 leshan radio company, ltd. rev.b 3/3 lbat54swt1g , s-lbat54swt1g


▲Up To Search▲   

 
Price & Availability of LBAT54SWT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X